PART |
Description |
Maker |
DS1380N DS1380SN |
NVRAM (Battery Based)
|
|
DS1220Y-150-IND DS1220Y-200-IND DS1220Y-100-IND DS |
NVRAM (Battery Based) NVRAM中(基于电池
|
Maxim Integrated Products, Inc.
|
AN1011 |
BATTERY TECHNOLOGY USED IN NVRAM PRODUCTS FROM ST
|
SGS Thomson Microelectronics
|
M41ST87WMX6 M41ST87WMX6TR M41ST87YMX6 M41ST87YMX6T |
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
|
STMicroelectronics
|
UDT220/SB UDT-UV005 UDT-UV35P UDT-UV100 PIN5DP/SB |
Serial real-time clock with 56 bytes NVRAM Serial I2C bus RTC with battery switchover Optoelectronic 光电
|
HIROSE ELECTRIC Co., Ltd.
|
M41ST87W11 M41ST87WSS6F |
Serial real-time clock (RTC) supervisor 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
|
ST Microelectronics STMicroelectronics
|
STEVAL-ISA020V1 |
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
|
STMicroelectronics
|
STEVAL-ISB011V1 |
Li-ion battery monitoring system demonstration board based on the STC3100 and STM32
|
STMicroelectronics
|
STEVAL-ISB008V1 |
Standalone USB Li-Ion battery charger demonstration board based on the STw4102 and STM32F103C6
|
STMicroelectronics
|
STEVAL-ISV012V1 |
Up to 5 W solar battery charger for single-cell Li-ion and Li-Pol batteries based on the SPV1040 and L6924D
|
STMicroelectronics
|
UM1054 |
STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
|
STMicroelectronics
|
M4T32-BR12SH M41ST85WMX6 M41ST85WMH6TR M41ST85YMH6 |
TIMEKEEPER SNAPHAT Battery & Crystal 5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR 5.0.0V124 × 8串行时钟和NVRAM督导 CLUSTER BAR, RJ-11 W/ (12) 4-W RECTIFIER FAST-RECOVERY SINGLE 1A 300V 30A-ifsm 1.3V-vf 40ns 10uA-ir DO-41 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 40ns 10uA-ir DO-41 1K/BULK DIODE SCHOTTKY 25V 10A D2-PAK
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|